Part Number Hot Search : 
LGH5015 03952 R5150 MBR645 1N4748 RGC20G A3030 15KE350C
Product Description
Full Text Search
 

To Download BY550-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY550-50 THRU BY550-1000
Features
* Low cost * Diffused junction * High current capability * The plastic material carries U/L recognition 94V-0
CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
DO-201AD
0.210(5.3) 0.188(4.8) DIA.
1.0(25.4) MIN.
Mechanical Data
* Case : JEDEC DO-201AD molded plastic body * Terminals : Plated axial lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.042 ounce, 1.1 grams
0.375(9.5) 0.285(7.2)
0.042(1.1) 0.037(0.9) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum average forward rectified current at TA=60E Recurrent peak Forward Current Peak forward surge current 8.3ms half sine wave superimposed on rated load Maximum instantaneous forward voltage at 5.0A Maximum reverse current at rated DC blocking voltage Typical thermal resistance Operating and storage temperature range VRRM I(AV) IFRM IFSM VF IR Re JA TJ TSTG
BY550 BY550 BY550 BY550 BY550 BY550 BY550 -50 -100 -200 -400 -600 -800 -1000
50 100 200 400 5.0 60.0 300.0 1.1 20.0 30.0 -65 to +150 600 800 1000
Units
Volts Amps Amps Amps Volts iA E /W E
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
RATINGS AND CHARACTERISTIC CURVES BY550-50 THRU BY550-1000
FIG.1-FORWARD CURRENT DERATING CURVE
8
10mm 10mm
FIG.2-TYPICAL FORWARD CHARACTERISTICS
100000
7 AVERAGE FORWARD CURRENT AMPERES
10000 INSTANTANEOUS FORWARD CURRENT(AMPERES)
6 5 4
R-Load
1000
TJ=25E
3 2 1 0 0 25 50 75 100 125 150 175
C-Load
100
Typ.values
10
LEAD TEMPERATURE ( E )
1 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
1000
FIG.4-TYPICAL THERMAL RESISTANCE
50
400 PERMISSIBLE SURGE CURRENT(A)
1 Cycle
R0JA THERMAL RESISTANCE JUNCTION AMBIENT(E /W)
IFM
40
Max
200
TJ=25E
30
100
20
Typ
40
10
L L
20 1 2 4 10 20 100 0 0 5 10 15
NUMBER OF CYCLES AT 50Hz
20
25
30
L, LEAD LENGTH (mm)


▲Up To Search▲   

 
Price & Availability of BY550-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X